Part Number Hot Search : 
BT440 HT12X21 B500C K2696 BRF1045 D3055 GB162B 150UR80D
Product Description
Full Text Search
 

To Download VN10LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sot23 n-channel enhancement mode vertical dmos fet issue 2 C january 1996 features * 60 volt v ds *r ds(on) =5 w partmarking detail C my absolute maximum ratings. parameter symbol value unit drain-source voltage v ds 60 v continuous drain current at t amb = 25c i d 150 ma pulsed drain current i dm 3a gate source voltage v gs 20 v power dissipation at t amb = 25c p tot 330 mw operating and storage temperature range t j :t stg -55 to +150 c electrical characteristics (at t amb = 25c unless otherwise stated). parameter symbol min. typ. max. unit conditions. drain-source breakdown voltage bv dss 60 v i d =100 m a, v gs =0v gate-source breakdown voltage v gs(th) 0.8 2.5 v i d =1ma, v ds = v gs gate body leakage i gss 100 na v gs = 20v, v ds =0v zero gate voltage drain current (1) i dss 10 m a v ds =60 v, v gs =0v on state drain current(1) i d(on) 750 ma v ds =15 v, v gs =10v static drain source on state resistance (1) r ds(on) 5.0 7.5 w w v gs =10v, i d =500ma v gs =5v, i d =200ma forward transconductance (1)(2) g fs 100 ms v ds =15v, i d =500ma input capacitance (2) c iss 60 pf common source output capacitance (2) c oss 25 pf v ds =25 v, v gs =0v f=1mhz reverse transfer capacitance (2) c rss 5pf turn-on time (2)(3) t (on) 310ns v dd ? 15v, i d =600ma turn-off time (2)(3) t (off) 410ns (1) measured under pulsed conditions. width=300 m s. duty cycle 2% (2) sample test. (3) switching times measured with 50 w source impedance and <5ns rise time on a pulse generator spice parameter data is available upon request for this device for typical characteristics graphs see zvn3306f datasheet. VN10LF d g s 3 - 308


▲Up To Search▲   

 
Price & Availability of VN10LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X